Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4241 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 4Page - STMicroelectronics AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics AN4241 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Motion engine
AN4241
8/18
Doc ID 024193 Rev 1
Figure 3.
Speed tracking using Run command sequences
2.2
Positioning commands
The motion engine, integrated into the devices, allows the position of the motor in a target
position based on integrated ABS_POS register.
The ABS_POS register traces all the motion performed by the motor adding a unit to each
microstep completed in forward direction and subtracting a unit when the microstep is
performed in reverse direction.
The target positioning can be directly imposed indicating the ABS_POS register value
(absolute position) or the distance between the current position and the target one (relative
position).
The relative positioning command is Move. The motion engine executes this command only
when the motor is stopped in order to avoid unexpected behaviors (e.g. the target of number
of steps is not enough to allow the speed profile compliance).
Figure 4.
Relative positioning command example
Speed
100
100
200
200
300
300
400
400
500
Time
Run(forward, 100)
Run(forward, 600)
Run(forward, 400)
Run(reverse, 300)
AM16589v1
0
h200000
h3FFFFF
h1FFFFF
h000001
0
h200000
h3FFFFF
h1FFFFF
h000001
Starting position
Starting position
Final position
Move(Reverse)
Move(Forward)
Final position
AM16590v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com