Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4241 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics AN4241 Datasheet HTML 12Page - STMicroelectronics AN4241 Datasheet HTML 13Page - STMicroelectronics AN4241 Datasheet HTML 14Page - STMicroelectronics AN4241 Datasheet HTML 15Page - STMicroelectronics AN4241 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Protections
AN4241
12/18
Doc ID 024193 Rev 1
3
Protections
The dSPIN™ family devices provide a complete set of protections designed to prevent from
damaging the device in critical conditions.
The implemented protections are:
●
Overtemperature (see Section 3.1)
●
Overcurrent (see Section 3.2)
●
Undervoltage (see Section 3.3)
3.1
Overtemperature protection
The overtemperature protection disables the power stage of the device when the
temperature of the chip exceeds the safe operation conditions.
When the overtemperature protection is triggered the device is locked in a safe condition (all
MOSFETs are turned off) and is kept in this condition until the junction temperature
decreases below 130 °C (typical). The thermal shutdown event occurrence is signaled
through the respective flag (TH_SD) in the STATUS register which is kept low until it is
released by a GetStatus command (more details are available in the datasheet of the
device).
A warning threshold is also present allowing the host to control the device to prevent the
shutdown.
3.2
Overcurrent protection
The overcurrent protection monitors the current in all power MOSFETs of the device and
disables the power stage when the programmed current threshold is reached. No
information about the specific MOSFET or bridge causing the failure is available.
As soon as the overcurrent protection is triggered, the device is locked in a safe condition
(all MOSFETs are turned off) and is kept in this condition until the OCD failure flag is
released by a GetStatus command.
When the device is locked in safe state no command enabling the bridges can be executed
(e.g. Move, Run, GoTo, HardStop, etc.). The commands are simply ignored, no non-
performable signalling is returned by the device.
Warning:
The overcurrent protection can be disabled setting the
OC_SD pin of the CONFIG register to zero. However it is not
recommended this protection to be disabled.
3.3
Undervoltage
The undervoltage protection avoids the power stage of the device to operate with a supply
voltage below the safe conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com