Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4382 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 2Page - STMicroelectronics AN4382 Datasheet HTML 3Page - STMicroelectronics AN4382 Datasheet HTML 4Page - STMicroelectronics AN4382 Datasheet HTML 5Page - STMicroelectronics AN4382 Datasheet HTML 6Page - STMicroelectronics AN4382 Datasheet HTML 7Page - STMicroelectronics AN4382 Datasheet HTML 8Page - STMicroelectronics AN4382 Datasheet HTML 9Page - STMicroelectronics AN4382 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Board features
AN4382
6/70
DocID025437 Rev 1
1
Board features
•
Wide input voltage range: 90 V to 265 V AC (50 or 60 Hz) compliant with IEC61000-3-2
•
Single isolated output suitable for LED connection.
•
Output voltage range (hardware configurable):
–
Standard version: 30 V to 100 V
–
High voltage version: 60 V to 200 V
•
Output current and dimmability range:
–
Standard version: from 10 mA to 1000 mA
–
High voltage range: from 5 mA to 500 mA
•
Output resolution: 11-bit equivalent.
•
Maximum output power: 100 W
•
Primary side control for higher efficiency (92% at full load)
•
Faults detection and protection: short- or open circuit.
•
IDLE mode power consumption: < 200 mW
•
Remote control:
–
DALI command (IEC62386 - 201)
–
Isolated serial line
–
Isolated 0 - 10 V (alternative to DALI)
•
Two status LEDs: green = ready-run-CPU load; red = fault
•
Primary to secondary and interfaces isolation: 3750 V
Block diagram
Figure 1. PSR-ZVS block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com