Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4382 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 40Page - STMicroelectronics AN4382 Datasheet HTML 41Page - STMicroelectronics AN4382 Datasheet HTML 42Page - STMicroelectronics AN4382 Datasheet HTML 43Page - STMicroelectronics AN4382 Datasheet HTML 44Page - STMicroelectronics AN4382 Datasheet HTML 45Page - STMicroelectronics AN4382 Datasheet HTML 46Page - STMicroelectronics AN4382 Datasheet HTML 47Page - STMicroelectronics AN4382 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
User interface
AN4382
44/70
DocID025437 Rev 1
165
YAAA AAA1 1010 0101
QUERY FADE TIME/FADE RATE
176 - 191
YAAA AAA1 1011 XXXX
QUERY SCENE LEVEL (SCENES 0 - 15)
192
YAAA AAA1 1100 0000
QUERY GROUPS 0 - 7
193
YAAA AAA1 1100 0001
QUERY GROUPS 8 - 15
194
YAAA AAA1 1100 0010
QUERY RANDOM ADDRESS (H)
195
YAAA AAA1 1100 0011
QUERY RANDOM ADDRESS (M)
196
YAAA AAA1 1100 0100
QUERY RANDOM ADDRESS (L)
197
YAAA AAA1 1100 0101
READ MEMORY LOCATION
224 - 254
YAAA AAA1 111X XXXX
Refer to standard IEC62386 - part 207
255
YAAA AAA1 1111 1111
QUERY EXTENDED VERSION NUMBER
256
1010 0001 0000 0000
TERMINATE
257
1010 0011 XXXX XXXX
DATA TRANSFER REGISTER (DTR)
258
1010 0101 XXXX XXXX
INITIALISE
259
1010 0111 0000 0000
RANDOMISE
260
1010 1001 0000 0000
COMPARE
261
1010 1011 0000 0000
WITHDRAW
264
1011 0001 HHHH HHHH
SEARCHADDRH
265
1011 0011 MMMM MMMM
SEARCHADDRM
266
1011 0101 LLLL LLLL
SEARCHADDRL
267
1011 0111 0AAA AAA1
PROGRAM SHORT ADDRESS
268
1011 1001 0AAA AAA1
VERIFY SHORT ADDRESS
269
1011 1011 0000 0000
QUERY SHORT ADDRESS
270
1011 1101 0000 0000
PHYSICAL SELECTION
272
1100 0001 XXXX XXXX
ENABLE DEVICE TYPE X
273
1100 0011 XXXX XXXX
DATA TRANSFER REGISTER 1 (DTR1)
274
1100 0101 XXXX XXXX
DATA TRANSFER REGISTER 2 (DTR2)
275
1100 0111 XXXX XXXX
WRITE MEMORY LOCATION
Table 12. List of supported DALI commands (continued)
Command number
Command code
Mnemonic command name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com