Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4382 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 36Page - STMicroelectronics AN4382 Datasheet HTML 37Page - STMicroelectronics AN4382 Datasheet HTML 38Page - STMicroelectronics AN4382 Datasheet HTML 39Page - STMicroelectronics AN4382 Datasheet HTML 40Page - STMicroelectronics AN4382 Datasheet HTML 41Page - STMicroelectronics AN4382 Datasheet HTML 42Page - STMicroelectronics AN4382 Datasheet HTML 43Page - STMicroelectronics AN4382 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
Board connector pinout
AN4382
40/70
DocID025437 Rev 1
8
Board connector pinout
Table 6. Connector J8 pinout - AC-DC input
Name
Type
Function
ACIN
Power
Main AC/DC input
ACIN
Power
Main AC/DC input
EARTH
Power
Protection reference level
Table 7. Connector J4 pinout - DC output
Name
Type
Function
+
Power
Positive load connection.
-
Power
Negative load connection.
Table 8. Connector J3 pinout - DALI interfaces
Name
Type
Function
DA
DALI signal
DALI signal for isolated DALI interfaces - without polarization
DA
DALI signal
DALI signal for isolated DALI interfaces - without polarization
Table 9. Connector J9 pinout - 0 - 10 V
Name
Type
Function
+
“Positive reference
Positive reference for isolated 0 - 10 V interfaces
-
“Negative reference
Negative reference for isolated 0 - 10 V interfaces
Table 10. Connector J2 pinout - serial interfaces
Name
Type
Function
1 (black)
Negative power
Directly connected to isolated serial GND
2 (brown)
CTSn
Not used - pulled down
3 (red)
Fixed positive power
5.0 V power for the UART interfaces only
4 (orange)
TXD (input)
TXD signal - RXD on STLUX
5 (yellow)
RXD (output)
RXD signal - TXD from STLUX
6 (green)
RTSn
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com