Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4382 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 39Page - STMicroelectronics AN4382 Datasheet HTML 40Page - STMicroelectronics AN4382 Datasheet HTML 41Page - STMicroelectronics AN4382 Datasheet HTML 42Page - STMicroelectronics AN4382 Datasheet HTML 43Page - STMicroelectronics AN4382 Datasheet HTML 44Page - STMicroelectronics AN4382 Datasheet HTML 45Page - STMicroelectronics AN4382 Datasheet HTML 46Page - STMicroelectronics AN4382 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
DocID025437 Rev 1
43/70
AN4382
User interface
70
9
YAAA AAA1 0000 1001
ENABLE DAPC SEQUENCE
16 - 31
YAAA AAA1 0001 XXXX
GO TO SCENE
32
YAAA AAA1 0010 0000
RESET
33
YAAA AAA1 0010 0001
STORE ACTUAL LEVEL IN THE DTR
42
YAAA AAA1 0010 1010
STORE THE DTR AS MAX LEVEL
43
YAAA AAA1 0010 1011
STORE THE DTR AS MIN LEVEL
44
YAAA AAA1 0010 1100
STORE THE DTR AS SYSTEMFAILURE LEVEL
45
YAAA AAA1 0010 1101
STORE THE DTR AS POWER ONLEVEL
46
YAAA AAA1 0010 1110
STORE THE DTR AS FADE TIME
47
YAAA AAA1 0010 1111
STORE THE DTR AS FADE RATE
64 - 79
YAAA AAA1 0100 XXXX
STORE THE DTR AS SCENE
80 - 95
YAAA AAA1 0101 XXXX
REMOVE FROM SCENE
96 - 111
YAAA AAA1 0110 XXXX
ADD TO GROUP
112 - 127
YAAA AAA1 0111 XXXX
REMOVE FROM GROUP
128
YAAA AAA1 1000 0000
STORE DTR AS SHORT ADDRESS
129
YAAA AAA1 1000 0001
ENABLE WRITE MEMORY
144
YAAA AAA1 1001 0000
QUERY STATUS
145
YAAA AAA1 1001 0001
QUERY CONTROL GEAR
146
YAAA AAA1 1001 0010
QUERY LAMP FAILURE
147
YAAA AAA1 1001 0011
QUERY LAMP POWER ON
148
YAAA AAA1 1001 0100
QUERY LIMIT ERROR
149
YAAA AAA1 1001 0101
QUERY RESET STATE
150
YAAA AAA1 1001 0110
QUERY MISSING SHORT ADDRESS
151
YAAA AAA1 1001 0111
QUERY VERSION NUMBER
152
YAAA AAA1 1001 1000
QUERY CONTENT DTR
153
YAAA AAA1 1001 1001
QUERY DEVICE TYPE
154
YAAA AAA1 1001 1010
QUERY PHYSICAL MINIMUM LEVEL
155
YAAA AAA1 1001 1011
QUERY POWER FAILURE
156
YAAA AAA1 1001 1100
QUERY CONTENT DTR1
157
YAAA AAA1 1001 1101
QUERY CONTENT DTR2
160
YAAA AAA1 1010 0000
QUERY ACTUAL LEVEL
161
YAAA AAA1 1010 0001
QUERY MAX LEVEL
162
YAAA AAA1 1010 0010
QUERY MIN LEVEL
163
YAAA AAA1 1010 0011
QUERY POWER ON LEVEL
164
YAAA AAA1 1010 0100
QUERY SYSTEM FAILURE LEVEL
Table 12. List of supported DALI commands (continued)
Command number
Command code
Mnemonic command name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com