Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4382 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 44Page - STMicroelectronics AN4382 Datasheet HTML 45Page - STMicroelectronics AN4382 Datasheet HTML 46Page - STMicroelectronics AN4382 Datasheet HTML 47Page - STMicroelectronics AN4382 Datasheet HTML 48Page - STMicroelectronics AN4382 Datasheet HTML 49Page - STMicroelectronics AN4382 Datasheet HTML 50Page - STMicroelectronics AN4382 Datasheet HTML 51Page - STMicroelectronics AN4382 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
User interface
AN4382
48/70
DocID025437 Rev 1
The LED can be switched off using parameter 0. Once the LEDs are switched off with the
command “ll”, then the LED can only be switched on again via the command “ll”
(and not 0 - 10 V or DALI).
The STEVAL385LEDPSR demonstration board also limits the resonant output current
variation rate to a maximum of 333 mA /second, in order to preserve both the output
capacitors and the LED string.
Caution:
Take care when using this command. The board injects the configured LED current
independently from the LED ratings. The user shall configure a current level not greater than
the maximum current allowed by the LED strings connected.
The correlation from output current and “ll” value is not linear. Table 14 defines the value for
a selected number of output current values correlated with “ll” value:
Table 14.
“ll” <-> output current relation
Syntax:
ll val
Parameters:
•
val [0,2-4096]: configure the output current level.
–
0: switch off the LED
–
2-4096: set the output current. The STEVAL385LEDPSR supports currents in the
range 539-3450.
Output:
Default:
none
Example: ll 539:
set the minimum LED current level.
“ll” value
Output current (1 A scale)
Output current (500 mA scale)
0Off
Off
539
10 mA
5 mA
660
100 mA
50 mA
795
200 mA
100 mA
935
300 mA
150 mA
1070
400 mA
200 mA
1380
500 mA
250 mA
1770
600 mA
300 mA
2175
700 mA
350 mA
2600
800 mA
400 mA
3020
900 mA
450 mA
3450
1000 mA
500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com