Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4382 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 29Page - STMicroelectronics AN4382 Datasheet HTML 30Page - STMicroelectronics AN4382 Datasheet HTML 31Page - STMicroelectronics AN4382 Datasheet HTML 32Page - STMicroelectronics AN4382 Datasheet HTML 33Page - STMicroelectronics AN4382 Datasheet HTML 34Page - STMicroelectronics AN4382 Datasheet HTML 35Page - STMicroelectronics AN4382 Datasheet HTML 36Page - STMicroelectronics AN4382 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
7
Bill of material
Table 5. Bill of material
Item Qty.
Reference
Part
PCB footprint
Note
Manuf.
Part number
1
3
C1, C6, C75
1
μF
CAPC-0603
10 V
AVX
0603ZG105ZAT2A
25
C2, C4, C7,
C67, C82
10 nF
CAPC-0603
AVX
06033C103KAT2A
3
2
C3, C5
100 nF
CAPC-0603
AVX
06033G104ZAT2A
41
C8
2.2
μF
CAPC-0603
X5R
Murata
GRM188R60J225KE19D
51
C15
2.2
μF
CAPC-0805
Murata
GCM21BR71C225KA64L
6
1
C16
1 nF
CAPC-0603
N. M.
7
1
C17
100 nF
CAPC-0603
N. M.
8
1
C18
100 nF
CAPC-0805
N. M.
91
C25
1
μF
CAPC-0603
10 V N. M.
10
9
C26, C30, C48,
C56, C57, C62,
C83, C84, C85
100 nF
CAPC-0603
25 V
AVX
06033G104ZAT2A
11
1
C27
100 nF
CAPC-0805
TAIYO YUDEN
HMK212BJ104KG-T
12
2
C28, C81
150 nF
CER-P15L6
275 Vac
EPCOS
B32922C3154K
13
2
C29, C79
10
μF
CAPE-R13H20-P5
350 V
Rubycon
EEUEE2W100
14
1
C34
680 pF
CAPC-0603
25 V
KEMET
C0603C681J5GAC7867
15
2
C36, C37
1 nF
C1210
2 KV
AVX
1210GC102KAT1A
16
2
C39, C42
1 nF
CAPC-1206
1 kV
KEMET
C1206C102KDRAC
17
1
C40
470 nF
CAPP-175X100X165-P15
305 Vac
Vishay
BFC233920474
18
1
C41
330 nF
CAPP-175X85X150-P15
305 Vac
Vishay
2222 339 20334
19
1
C43
100
μF
CAPE-R30H35-P10-SI
450 V
Rubycon
450VXH100MEFCSN22X25
20
1
C44
220 pF
CAPC-1206
1 KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com