Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1481 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 24Page - STMicroelectronics UM1481 Datasheet HTML 25Page - STMicroelectronics UM1481 Datasheet HTML 26Page - STMicroelectronics UM1481 Datasheet HTML 27Page - STMicroelectronics UM1481 Datasheet HTML 28Page - STMicroelectronics UM1481 Datasheet HTML 29Page - STMicroelectronics UM1481 Datasheet HTML 30Page - STMicroelectronics UM1481 Datasheet HTML 31Page - STMicroelectronics UM1481 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Graphical user interface application
UM1481
28/55
Doc ID 022389 Rev 1
Figure 34.
Board connected
To start evaluating board parameters and its configuration, the user must first connect the
board to a USB port using the USB micro-B cable and then connect the GUI using the
connect tab. When the board is connected properly to the GUI, it shows the message “The
board is connected”, as shown in Figure 34.
6.3
Key battery parameters
The following are the parameters that appear on the first page (key parameter page) of the
GUI, as shown in Figure 35.
●
Board hardware: it is possible to read and write the value of the sense resistor as well
as the room temperature value.
●
Alarm: it is possible to R/W the battery low voltage alarm as well as the low SOC alarm.
●
Battery parameters: it is possible to read and write total battery capacity, internal
resistance of the battery pack as well as the open circuit voltage and its relative SOC
percentage table to be used for an estimation of initial SOC of battery depending on the
open circuit voltage.
●
Control register: it is possible to read the value of the control register as well as write
the 1st bit (bit 0) of this register.
●
Mode register: it is possible to read the value of the mode register as well as write the
3rd and 4th bits (bit 2 and 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com