Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1481 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 37Page - STMicroelectronics UM1481 Datasheet HTML 38Page - STMicroelectronics UM1481 Datasheet HTML 39Page - STMicroelectronics UM1481 Datasheet HTML 40Page - STMicroelectronics UM1481 Datasheet HTML 41Page - STMicroelectronics UM1481 Datasheet HTML 42Page - STMicroelectronics UM1481 Datasheet HTML 43Page - STMicroelectronics UM1481 Datasheet HTML 44Page - STMicroelectronics UM1481 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
UM1481
Connectors and jumpers
Doc ID 022389 Rev 1
41/55
8.13
Terminal block J13
Note:
The load is connected to the battery via a MOSFET. Once battery voltage falls below 3.15 V,
the MOSFET disconnects load from the battery. This prevents the battery from going into
deep discharge.
8.14
Charger selection switch: SW8
This switch is used to select between an internal (onboard) charger and an external charger.
Indication is printed on the board.
8.15
External power supply selection switch: SW7
This switch is used to select between the USB and Wall adapter. Indication is printed on the
board.
8.16
uSD connector: J8
The provision of an external uSD card to store various battery parameters in the future has
been made.
Table 20.
Terminal block J13 details
Pin
Description
Load+
External load positive terminal
Load-
External load negative terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com