Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1481 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 42Page - STMicroelectronics UM1481 Datasheet HTML 43Page - STMicroelectronics UM1481 Datasheet HTML 44Page - STMicroelectronics UM1481 Datasheet HTML 45Page - STMicroelectronics UM1481 Datasheet HTML 46Page - STMicroelectronics UM1481 Datasheet HTML 47Page - STMicroelectronics UM1481 Datasheet HTML 48Page - STMicroelectronics UM1481 Datasheet HTML 49Page - STMicroelectronics UM1481 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
10
Bill of material
Table 21.
Bill of material
Category
Ref. design.
Component description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number or equivalent
Supplier
Supplier
ordering code
ST devices
U1
STM32 low-density USB
access line, 48-pin, 32 K
Flash, 6 K RAM
LQFP48
STMicroelectronics
STM32F102C8T6A
U10
Reset circuit
SOT23-3 (WX)
STMicroelectronics
STM1816RWX7F
U3
ESDAULC6-3BP6 ESD
protection for high-speed
interface
SOT-666
STMicroelectronics
ESDAULC6-3BP6
U4
Battery monitor IC with
Coulomb counter/gas-gauge
TDFN 3.0 X 2.0 X
0.75
STMicroelectronics
STC3105IQT
U5
Step-up converter
TSSOP8
STMicroelectronics
L6920D
U6
800 mA standalone linear Li-
Ion
battery charger with thermal
regulation
TSOT23-5L
STMicroelectronics
STC4054GR
U7
Low drop fixed and
adjustable positive voltage
regulators
SOT-223
STMicroelectronics
LD1117AS33TR
D5, D6
STPS1L30U (low drop power
Schottky rectifier)
SMB
STMicroelectronics
STPS1L30U
Q7
DUAL P-channel 20 V
STripFET™ Power MOSFET
SO-8
STMicroelectronics
STS4DPF20L
U8
Very low drop and low noise
voltage regulator low ESR
capacitors compatible, with
inhibit function. (1.8 V)
SOT23-5L
STMicroelectronics
LD2985BM18R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com