Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1481 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 28Page - STMicroelectronics UM1481 Datasheet HTML 29Page - STMicroelectronics UM1481 Datasheet HTML 30Page - STMicroelectronics UM1481 Datasheet HTML 31Page - STMicroelectronics UM1481 Datasheet HTML 32Page - STMicroelectronics UM1481 Datasheet HTML 33Page - STMicroelectronics UM1481 Datasheet HTML 34Page - STMicroelectronics UM1481 Datasheet HTML 35Page - STMicroelectronics UM1481 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Hardware design description
UM1481
32/55
Doc ID 022389 Rev 1
7
Hardware design description
The board supports both USB and a wall adapter (external supply). A switch (SW7) is used
to choose between these two. When an external supply is absent the whole board
consumes power from the battery. In this case the step-up converter device L6920 steps up
battery voltage to 5 V. The voltage from these sources (external or L6920) is connected to a
low drop-out regulator (LD1117V) which gives 3.3 V output. This output is used for powering
up devices such as the LCD, microcontroller, etc.
The STC3105 battery monitoring device always receives power from the battery. In order to
avoid the loss of data stored in the RAM registers of the STC3105 during power-off.
7.1
Microcontroller (STM32)
The STM32 is a 32-bit MCU based on the popular ARM 32-bit Cortex™-M3 CPU. The
STM32 device (STM32F102C8T6A) used in this demonstration board runs at 48 MHz. The
microcontroller has single-cycle multiplication and hardware division. The device supports
low power mode such as sleep, stop, and also standby. This device (microcontroller) has up
to 5 communication interfaces which includes two I2Cs (400 kHz), three USARTs, two SPIs
(12 Mbit/s), and USB 2.0 full-speed interface. For more details refer to the STM32F102x8
datasheet and RM0008 reference manual. For this application, a minimum of one I2C to
interface with the STC3105 is needed, a USB to support a USB based charger and USB
data transfer, and some general purpose IOs for the user interface, are required. The part
numbers used to develop this application are shown in Table 2.
The microcontroller is used to communicate with and control the STC3105 device, USB
communication to display data on the PC, LCD driving, interfacing menu keys and menu
operation.
Table 2.
Microcontroller details
Feature
Description
Sales type
STM32F102C8T6A:USB access line, USB 2.0 full-speed interface
Package
LQFP-48 (7 x 7) mm
Flash - Kbytes
64
SRAM - Kbytes
10
Operating voltage
2.0 to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com