Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1481 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 25Page - STMicroelectronics UM1481 Datasheet HTML 26Page - STMicroelectronics UM1481 Datasheet HTML 27Page - STMicroelectronics UM1481 Datasheet HTML 28Page - STMicroelectronics UM1481 Datasheet HTML 29Page - STMicroelectronics UM1481 Datasheet HTML 30Page - STMicroelectronics UM1481 Datasheet HTML 31Page - STMicroelectronics UM1481 Datasheet HTML 32Page - STMicroelectronics UM1481 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
UM1481
Graphical user interface application
Doc ID 022389 Rev 1
29/55
Figure 35.
Key parameter page
6.4
Other battery parameters
The following are the parameters that appear on the first page of the GUI, as shown in
Figure 36.
●
Battery parameters: it is possible to read and write the value of:
–
Maximum SOC at which the battery is assumed to be fully charged entered here in
percentage of “battery total capacity” (defined under key battery parameters).
–
Battery min. voltage defines the cut-off voltage below which the battery is
assumed to be empty and the external load is disconnected and indicated by LED
D2 glowing.
–
Battery min. SOC corresponding to SOC at battery nearly empty (%).
–
System parameters: it is possible to read and write various parameters like battery
relaxation time (battery relaxation time before OCV measurement in seconds),
battery low current (relaxation timer current threshold, i.e battery max. discharge
current for OCV measurement), application min. current (minimum application
current consumption in mA (<0)), charging end current (end charge current in mA),
charging min. current (min. charge current in mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com