Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1481 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 33Page - STMicroelectronics UM1481 Datasheet HTML 34Page - STMicroelectronics UM1481 Datasheet HTML 35Page - STMicroelectronics UM1481 Datasheet HTML 36Page - STMicroelectronics UM1481 Datasheet HTML 37Page - STMicroelectronics UM1481 Datasheet HTML 38Page - STMicroelectronics UM1481 Datasheet HTML 39Page - STMicroelectronics UM1481 Datasheet HTML 40Page - STMicroelectronics UM1481 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
UM1481
Connectors and jumpers
Doc ID 022389 Rev 1
37/55
8.2
USB connector
The standard USB micro-B type (5-pin) connector is used. An additional 4 connections (pins
6-9 in the schematics) are connected to the body of the connector. The maximum current
drawn by the board from the USB host/hub should be less than 500 mA in any condition to
respect the USB specifications
Figure 39.
Micro-B USB connector
Table 10.
USB connector pin description
Pin number
Description
1
VBUS (power): +5 V supply from USB bus
2
DM: USB D- signal
3
DP: USB D+ signal
4--
5
GND: ground signal
6SHIELD
7
SHIELD
8
SHIELD
9SHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com