Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1688 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 24Page - STMicroelectronics UM1688 Datasheet HTML 25Page - STMicroelectronics UM1688 Datasheet HTML 26Page - STMicroelectronics UM1688 Datasheet HTML 27Page - STMicroelectronics UM1688 Datasheet HTML 28Page - STMicroelectronics UM1688 Datasheet HTML 29Page - STMicroelectronics UM1688 Datasheet HTML 30Page - STMicroelectronics UM1688 Datasheet HTML 31Page - STMicroelectronics UM1688 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Boards description
UM1688
28/41
DocID025471 Rev 2
EVAL6472H - thermal data
Figure 21. EVAL6472H - thermal impedance graph
1.4
EVAL6472PD
1
10
100
1000
Time (sec)
0
5
10
15
20
25
AM10294V1
Table 16. EVAL6472PD - specifications
Parameter
Value
Supply voltage (VS)
8 to 45 V
Maximum output current (each phase)
3 Ar.m.s.
Logic supply voltage (VREG)
Externally supplied: 3.3 V
Internally supplied: 3 V typical
Logic interface voltage (VDD)
Externally supplied: 3.3 V or 5 V
Internally supplied: VREG
Low level logic input voltage
0 V
High level logic input voltage
VDD(1)
1. All logic inputs are 5 V tolerant.
Operating temperature
-25 to +125 °C
L6472PD thermal resistance junction to ambient
12 °C/W typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com