Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1688 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 33Page - STMicroelectronics UM1688 Datasheet HTML 34Page - STMicroelectronics UM1688 Datasheet HTML 35Page - STMicroelectronics UM1688 Datasheet HTML 36Page - STMicroelectronics UM1688 Datasheet HTML 37Page - STMicroelectronics UM1688 Datasheet HTML 38Page - STMicroelectronics UM1688 Datasheet HTML 39Page - STMicroelectronics UM1688 Datasheet HTML 40Page - STMicroelectronics UM1688 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
DocID025471 Rev 2
37/41
UM1688
Device configuration
41
3.2
Advanced current control (EVAL6472H/PD)
The following configuration gives good results with most of motors:
Minimum ON time = 4 µs.
Minimum OFF time = 21 µs.
Max. fast decay = 10 µs.
Max. fast decay at step change = 16 µs.
Target switching time = 48 µs.
Predictive current control enabled.
The impact of the timing parameters are explained in the application note “AN4158: Peak
current control with automatic decay adjustment and predictive current control: basics and
setup”.
The target phase current is set through the TVAL registers. The TVAL determinates the
current corresponding to the peak of the sine wave (microstepping operation).
3.3
Overcurrent and stall detection thresholds
The overcurrent protection and the stall detection (EVAL6470H\PD only) are implemented
measuring the current flowing into each integrated MOSFET.
The overcurrent protection threshold should be set just above the current rating of the
motor:
IOCDth > Imax,r.m.s. × √2
For example: if the maximum phase current of the motor is 2 Ar.m.s., the overcurrent
protection should be set to about 3 A.
Warning:
Important - it is strongly discouraged to disable the
overcurrent shutdown. It may result in critical failures.
The stall detection threshold should be just above the operating peak current of the
application. During the preliminary stages of evaluation, it can be set to the maximum value.
3.4
Speed profile
The max. speed parameter is the maximum speed the motor will run. By default, it is about
1000 step/s. That means, if you send a command to run at 2000 step/s, the motor speed is
limited at 1000 step/s.
This is an important safety feature in the final application, but not necessarily useful to
evaluate the device performances. Setting the parameter to high values (e.g. 6000 step/s)
allows evaluating the maximum speed which can be achieved by the application under test
through the speed tracking command (Run), but it probably limits the possibility to use
positioning commands (Move, GoTo, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com