Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1688 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 28Page - STMicroelectronics UM1688 Datasheet HTML 29Page - STMicroelectronics UM1688 Datasheet HTML 30Page - STMicroelectronics UM1688 Datasheet HTML 31Page - STMicroelectronics UM1688 Datasheet HTML 32Page - STMicroelectronics UM1688 Datasheet HTML 33Page - STMicroelectronics UM1688 Datasheet HTML 34Page - STMicroelectronics UM1688 Datasheet HTML 35Page - STMicroelectronics UM1688 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Boards description
UM1688
32/41
DocID025471 Rev 2
Table 20. EVAL6472PD - bill of material
Index Quantity
Reference
Value
Package
1
1
CN1
Pol. IDC male header vertical 10
poles (black)
CON-FLAT-5X2-180M
2
1
CN2
Pol. IDC male header vertical 10
poles (gray)
CON-FLAT-5X2-180M
3
2
CN3, CN4
N.M
STRIP254P-M-2
4
1
C1A
100 µF/63 V
CAPE-R10HXX-P5
5
1
C1
100 µF/63 V
CAPES-R10HXX
6
4
C2, C14, C15, C16
100 nF/50 V
CAPC-0603
7
1
C3
10 nF/50 V
CAPC-0603
8
2
C4, C6
100 nF/6.3 V
CAPC-0603
9
1
C5
47
F/6.3 V
CAPC-1206
10
1
C7
10
F/6.3 V
CAPC-0805
11
1
C8
220 nF/16 V
CAPC-0603
12
2
C9, C10
100 pF/6.3 V
CAPC-0603
13
1
C11
1 nF/6.3 V
CAPC-0603
14
1
C12
3.3 nF/6.3 V
CAPC-0603
15
1
C13
10 nF/6.3 V
CAPC-0603
16
1
JP1
LED red
LEDC-0805
17
1
DL2
LED amber
LEDC-0805
18
1
D1
BAV99
SOT23
19
1
D2
BZX585-B3V6
SOD523
20
1
JP1
Jumper OPEN
JP2SO
21
2
JP2,JP3
Jumper CLOSED
JP2SO
22
3
M1, M2, M3
Screw connector 2 poles
MORSV-508-2P
23
1
R1
31.6 k
RESC-0603
24
1
R2
8.2 k
RESC-0603
25
3
R3, R4, R5
39 k
RESC-0603
26
2
R6, R7
470
RESC-0603
27
1
R8
10 k
RESC-0603
28
7
TP1, TP2, TP3, TP8,
TP9, TP10, TP11
TPTH-ring-1 mm (red)
TH
29
2
TP5, TP6
TPTH-ring-1 mm (black)
TH
30
1
TR1
200 k
TRIMM-100x50x110-64W
31
1
U1
L6472
PowerSO36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com