Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1688 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 31Page - STMicroelectronics UM1688 Datasheet HTML 32Page - STMicroelectronics UM1688 Datasheet HTML 33Page - STMicroelectronics UM1688 Datasheet HTML 34Page - STMicroelectronics UM1688 Datasheet HTML 35Page - STMicroelectronics UM1688 Datasheet HTML 36Page - STMicroelectronics UM1688 Datasheet HTML 37Page - STMicroelectronics UM1688 Datasheet HTML 38Page - STMicroelectronics UM1688 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DocID025471 Rev 2
35/41
UM1688
Evaluation environment setup
41
2
Evaluation environment setup
The evaluation environment is composed by:
One or more EVAL6470H\PD or EVAL6472H\PD.
One STEVAL-PCC009V2 demonstration board.
A USB cable.
A stepper motor with a small mechanical load (unloaded stepper motors suffer of
strong resonance issues).
A power supply with an output voltage within the operative range of the evaluation
board.
A Windows® 7 or Windows XP PC with a free USB port.
The SPINFamily evaluation tool (the last version can be downloaded from the
STMicroelectronics® website).
In order to start using the evaluation environment the following steps are required:
1.
Install the SPINFamily evaluation tool
2.
Start the SPINFamily evaluation tool (by default it is in Start menu > All programs >
STMicroelectronics > SPINFamily Evaluation Tool).
3.
Select the proper device when requested by the application.
4.
Plug the STEVAL-PCC009V2 demonstration board to a free USB port.
5.
Wait a few seconds for board initialization.
6.
Connect the SPI_IN connector (black) of the demonstration board to the 10-pin
connector of the STEVAL-PCC009V2 board using the provided cable.
For connecting more devices to the same board, please consult the daisy chain
connection paragraph (Section 5: Daisy chaining on page 40).
7.
Power-up the demonstration boards. The FLAG LED should turn on.
8.
Click on the button with the USB symbol to connect the STEVAL-PCC009V2 board to
the PC and initialize the evaluation environment.
The application automatically identifies the number of demonstration boards
connected.
9.
The evaluation environment is ready.
Before start working with the demonstration board, the device must be configured according
to the indications in Section 3: Device configuration.
Warning:
Important - the device configuration is mandatory. The
default configuration is not operative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com