Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1688 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 25Page - STMicroelectronics UM1688 Datasheet HTML 26Page - STMicroelectronics UM1688 Datasheet HTML 27Page - STMicroelectronics UM1688 Datasheet HTML 28Page - STMicroelectronics UM1688 Datasheet HTML 29Page - STMicroelectronics UM1688 Datasheet HTML 30Page - STMicroelectronics UM1688 Datasheet HTML 31Page - STMicroelectronics UM1688 Datasheet HTML 32Page - STMicroelectronics UM1688 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID025471 Rev 2
29/41
UM1688
Boards description
41
Figure 22. EVAL6472PD - jumper and connector location
Table 17. EVAL6472PD - jumper and connector description
Name
Type
Function
M1
Power supply
Motor supply voltage
M2
Power output
Bridge A outputs
M3
Power output
Bridge B outputs
CN1
SPI connector
Master SPI
CN2
SPI connector
Slave SPI
CN3
NM connector
OSCIN and OSCOUT pins
CN4
NM connector
External switch input
TP1 (VS)
Test point
Motor supply voltage test point
TP2 (VDD)
Test point
Logic interface supply voltage test point
TP3 (VREG)
Test point
Logic supply voltage/L6472 internal regulator test point
TP5 (GND)
Test point
Ground test point
TP6 (GND)
Test point
Ground test point
TP8 (STCK)
Test point
Step-clock input test point
TP9 (STBY/RES)
Test point
Standby/reset input test point
TP10 (FLAG)
Test point
FLAG output test point
TP11 (BUSY/SYNC)
Test point
BUSY/SYNC output test point
Phase A connector
Power supply connector
(8 V - 45 V)
Master SPI
connector
BUSY LED
(Amber)
FLAG LED
(Red)
ADCIN input
External switch connector
(SW input)
JP1: VDD supply from
master SPI connector
JP2: VDD to VREG
connection
OSCIN/OSCOUT
connector
JP3: Daisy chain
termination
Phase B connector
Slave SPI
connector
Application reference
area
AM14850v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com