| Electronic Components Datasheet Search |
|
AN3338 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3338 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 72 page ![]() Electrical characteristics and functions AN3338 22/72 Doc ID 18441 Rev 4 2.3.4 Dead time and interlocking function management In order to prevent any possible cross-conduction between high side and low side IGBTs, the SLLIMM provides both the dead time and the interlocking functions. The interlocking function is a logic operation which sets both the outputs to low level when the inputs are simultaneously active. The dead time function is a safety time introduced by the device between the falling edge transition of one driver output and the rising edge of the other output. If the rising edge set externally by the user occurs before the end of this dead time, it is ignored and results as delayed until the end of the dead time. The dead time is internally set at 320 ns as the typical value of STGIPS10K60A. Figure 13. Timing chart of undervoltage lockout function Time t2 t3 t4 RESET Circuit state t1 SET RESET VCC_thON t5 VCC_thOFF I C V CC HIN/LIN Table 7. Interlocking function truth table of STGIPS10K60A Condition Logic input (VI) Outputs LIN HIN LVG HVG Interlocking half bridge tri-state HH L L 0 “logic state” half bridge tri-state LLLL 1 “logic state” low side direct driving HL H L 1 “logic state” high side direct driving LH L H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |