Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3338 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 33Page - STMicroelectronics AN3338 Datasheet HTML 34Page - STMicroelectronics AN3338 Datasheet HTML 35Page - STMicroelectronics AN3338 Datasheet HTML 36Page - STMicroelectronics AN3338 Datasheet HTML 37Page - STMicroelectronics AN3338 Datasheet HTML 38Page - STMicroelectronics AN3338 Datasheet HTML 39Page - STMicroelectronics AN3338 Datasheet HTML 40Page - STMicroelectronics AN3338 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Doc ID 18441 Rev 4
37/72
AN3338
Electrical characteristics and functions
72
Considering the limit cases during the PWM control and further leakages and dispersions in
the board layout, the capacitance value to use in the bootstrap circuit must be selected two
or three times higher than the CBOOT calculated in the graph of Figure 24. The bootstrap
capacitor should be with a low ESR value for a good local decoupling, therefore, in case an
electrolytic capacitor is used, a good quality (low ESR, low ESL) filter capacitor placed
directly on the SLLIMM pins is strictly recommended.
2.3.14
Initial bootstrap capacitor charging
During the startup phase, the bootstrap capacitor must be charged for a suitable time to
complete the initial charging time (tCHARGE), which is, at least, the time VCBOOT needs to
exceed the turn-on undervoltage threshold VBS_thON, as already stated in Equation 12. For
a normal operation, the voltage across the bootstrap capacitor must never drop down to the
turn-off undervoltage threshold VBS_thOFF throughout the working conditions. For the period
of startup, only the low side IGBT is switched on and, just after this phase, the PWM is run,
as shown in the following steps of
Figure 25:
•
t1: the bootstrap capacitor starts to charge through the low side IGBT (LVG)
•
t2: the voltage across the bootstrap capacitor (VCBOOT) reaches its turn-on
undervoltage threshold VBS_thON.
•
t3: the bootstrap capacitor is fully charged, this enables the high side IGBT and the
CBOOT capacitor starts to discharge in order to provide the right IGBT gate charge. The
bootstrap capacitor recharges during the on state of low side IGBT (LVG).
Figure 24. Bootstrap capacitor vs. switching frequency
AM09341v1
0
1
2
3
4
5
0
5
10
15
20
fsw (kHz)
STGIPx20K60
δ=50%
ΔV
CBOOT =0.1V
ΔV
CBOOT =0.3V
ΔV
CBOOT =0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com