Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3338 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 25Page - STMicroelectronics AN3338 Datasheet HTML 26Page - STMicroelectronics AN3338 Datasheet HTML 27Page - STMicroelectronics AN3338 Datasheet HTML 28Page - STMicroelectronics AN3338 Datasheet HTML 29Page - STMicroelectronics AN3338 Datasheet HTML 30Page - STMicroelectronics AN3338 Datasheet HTML 31Page - STMicroelectronics AN3338 Datasheet HTML 32Page - STMicroelectronics AN3338 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
Doc ID 18441 Rev 4
29/72
AN3338
Electrical characteristics and functions
72
2.3.9
RC filter network selection
Two options of shunt (1- or 3-shunt) resistor circuit can be adopted in order to implement
different control technique and short-circuit protection, as shown in
Figure 17.
A RC filter network is required to prevent undesired short-circuit operation due to the noise
on the shunt resistor.
Both solutions allow to detect the total current in all three phases of the inverter. The filter is
based on the RSF and CSF network and its time constant is given by:
Equation 5
In addition to the RC time constant, the turn-off propagation delay of the gate driver, tisd
(specified in the datasheet) and the IGBT turn-off time (in the range of tens of ns), must be
considered in the total delay time (tTotal), which is the time necessary to completely switch
off the IGBT once the short-circuit event is detected. Therefore, the tTotal is calculated as
follows:
Equation 6
also considering that the IGBT short-circuit withstand time (tSC) is 5 µs, the tSF is
recommended to be set in the range of 1~2 µs.
In the case of a 3-shunt resistors circuit, a specific control technique can be implemented by
using the three shunt resistors (RSHUNT_U, RSHUNT_V and RSHUNT_W) able to monitor each
phase current.
Figure 17. Examples of SC protection circuit
SLLIMM
C
SF
R
SF
R
SHUNT
CIN
NW
NU
NV
SLLIMM
C
SF
R
SF
R
SHUNT
CIN
NW
NU
NV
R
SHUNT_U
R
SHUNT_W
R
SHUNT_V
1-shunt resistor circuit
3-shunt resistors circuit
SF
SF
SF
C
R
t
⋅
=
off
isd
SF
Total
t
t
t
t
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com