Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3338 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 35Page - STMicroelectronics AN3338 Datasheet HTML 36Page - STMicroelectronics AN3338 Datasheet HTML 37Page - STMicroelectronics AN3338 Datasheet HTML 38Page - STMicroelectronics AN3338 Datasheet HTML 39Page - STMicroelectronics AN3338 Datasheet HTML 40Page - STMicroelectronics AN3338 Datasheet HTML 41Page - STMicroelectronics AN3338 Datasheet HTML 42Page - STMicroelectronics AN3338 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Doc ID 18441 Rev 4
39/72
AN3338
Package
72
3
Package
The SLLIMM benefits from a compact package while providing high power density, the best
thermal performance, and great electrical isolation (> 2500 VRMS).
The SDIP is a dual-in-line transfer mold package, available in 25-lead version (SDIP-25L)
and 38-lead version (SDIP-38L) and based on the state of the art DBC mounting technology
for the power stage, whilst the control stage is assembled on a PCB layer. A vacuum
soldering process is used to avoid any gas inclusion (voids) during the soldering process
that could cause potential hot spots. It results in a further increase in the reliability of the
SLLIMM family due to the improved thermal and electrical conductivity.
This technology makes it possible to achieve extremely low thermal resistance values, high
stability in thermal cycling, small size with optimum cost-effectiveness, and quality level.
3.1
DBC substrate
DBC means direct bonded copper and denotes a process in which copper and a ceramic
material are directly bonded, as shown in
Figure 26. Direct bonded copper substrates have
been proven for many years to be an excellent solution for electrical isolation and thermal
management of high power semiconductor modules.
The advantages of DBC substrates are, firstly, high current-carrying capability, due to thick
copper metallization, and secondly, a thermal expansion coefficient close to the silicon one
at the copper surface.
DBC has two layers of copper that are directly bonded onto an aluminum-oxide (Al2O3)
ceramic base. The DBC process yields a super-thin base and eliminates the need for thick,
heavy copper bases that were used prior to this process. Because SLLIMM with DBC bases
has fewer layers, it has much lower thermal resistance values than those based on different
materials.
Figure 26. DCB structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com