Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3338 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 37Page - STMicroelectronics AN3338 Datasheet HTML 38Page - STMicroelectronics AN3338 Datasheet HTML 39Page - STMicroelectronics AN3338 Datasheet HTML 40Page - STMicroelectronics AN3338 Datasheet HTML 41Page - STMicroelectronics AN3338 Datasheet HTML 42Page - STMicroelectronics AN3338 Datasheet HTML 43Page - STMicroelectronics AN3338 Datasheet HTML 44Page - STMicroelectronics AN3338 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Doc ID 18441 Rev 4
41/72
AN3338
Package
72
Figure 28. Images and internal view of SDIP-25L package
Top view
Bottom view
Internal view
x = 44.4 mm
y1 = 22 mm (body only)
y2 = 25.22 mm (including leads)
z1 = 5.4 mm (body only)
z2 = 11.6 mm (including leads)
Main dimensions
SLLIMM
SDIP-25L
DBC
IG BT
FWD
PCB
HVI C
x
y
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com