Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD46185092B Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 6Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 7Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 8Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 9Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 10Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 11Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 12Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 13Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 10 of 35
Nov 09, 2012
Truth Table
Operation
CLK
R#
W#
D or Q
WRITE cycle
L
→ H
×
L
Data in
Load address, input write data on
Input data
DA (A+0)
DA (A+1)
consecutive K and K# rising edge
Input clock
K( t )
↑
K#( t )
↑
READ cycle
L
→ H
L
×
Data out
Load address, output data on
Output data
QA (A+0)
QA (A+1)
consecutive C and C# rising edge
Output clock
C#(t+1)
↑
C(t+2)
↑
NOP (No operation)
L
→ H
H
H
D =
×, Q = High-Z
Clock stop
Stopped
×
×
Previous state
Remarks 1. H : HIGH, L : LOW,
× : don’t care, ↑ : rising edge.
2. Data inputs are registered at K and K# rising edges. Data outputs are delivered at C and C# rising edges
except if C and C# are HIGH then Data outputs are delivered at K and K# rising edges.
3. All control inputs in the truth table must meet setup/hold times around the rising edge (LOW to HIGH) of
K. All control inputs are registered during the rising edge of K.
4. This device contains circuitry that ensure the outputs to be in high impedance during power-up.
5. Refer to state diagram and timing diagrams for clarification.
6. It is recommended that K = K# = C = C# when clock is stopped. This is not essential but permits most
rapid restart by overcoming transmission line charging symmetrically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com