Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD46185092B Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 22Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 23Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 24Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 25Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 26Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 27Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 28Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 29Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 26 of 35
Nov 09, 2012
SCAN Exit Order
Bit
Signal name
Bump
Bit
Signal name
Bump
Bit
Signal name
Bump
no.
x9
x18
x36
ID
no.
x9
x18
x36
ID
no.
x9
x18
x36
ID
1
C#
6R
37
NC
NC
D15
10D
73
NC
NC
Q28
2C
2
C
6P
38
NC
NC
Q15
9E
74
Q5
Q11
Q20
3E
3
A
6N
39
NC
Q7
Q7
10C
75
D5
D11
D20
2D
4
A
7P
40
NC
D7
D7
11D
76
NC
NC
D29
2E
5
A
7N
41
NC
NC
D16
9C
77
NC
NC
Q29
1E
6
A
7R
42
NC
NC
Q16
9D
78
NC
Q12
Q21
2F
7
A
8R
43
Q4
Q8
Q8
11B
79
NC
D12
D21
3F
8
A
8P
44
D4
D8
D8
11C
80
NC
NC
D30
1G
9
A
9R
45
NC
NC
D17
9B
81
NC
NC
Q30
1F
10
Q0
11P
46
NC
NC
Q17
10B
82
Q6
Q13
Q22
3G
11
D0
10P
47
CQ
11A
83
D6
D13
D22
2G
12
NC
NC
D9
10N
48
–
Internal
84
NC
NC
D31
1J
13
NC
NC
Q9
9P
49
A
A
NC
9A
85
NC
NC
Q31
2J
14
NC
Q1
Q1
10M
50
A
8B
86
NC
Q14
Q23
3K
15
NC
D1
D1
11N
51
A
7C
87
NC
D14
D23
3J
16
NC
NC
D10
9M
52
A
6C
88
NC
NC
D32
2K
17
NC
NC
Q10
9N
53
R#
8A
89
NC
NC
Q32
1K
18
Q1
Q2
Q2
11L
54
NC
NC BW1#
7A
90
Q7
Q15
Q24
2L
19
D1
D2
D2
11M
55
BW0#
7B
91
D7
D15
D24
3L
20
NC
NC
D11
9L
56
K
6B
92
NC
NC
D33
1M
21
NC
NC
Q11
10L
57
K#
6A
93
NC
NC
Q33
1L
22
NC
Q3
Q3
11K
58
NC
NC BW3#
5B
94
NC
Q16
Q25
3N
23
NC
D3
D3
10K
59
NC BW1# BW2#
5A
95
NC
D16
D25
3M
24
NC
NC
D12
9J
60
W#
4A
96
NC
NC
D34
1N
25
NC
NC
Q12
9K
61
A
5C
97
NC
NC
Q34
2M
26
Q2
Q4
Q4
10J
62
A
4B
98
Q8
Q17
Q26
3P
27
D2
D4
D4
11J
63
A
NC
NC
3A
99
D8
D17
D26
2N
28
ZQ
11H
64
DLL#
1H
100
NC
NC
D35
2P
29
NC
NC
D13
10G
65
CQ#
1A
101
NC
NC
Q35
1P
30
NC
NC
Q13
9G
66
NC
Q9
Q18
2B
102
A
3R
31
NC
Q5
Q5
11F
67
NC
D9
D18
3B
103
A
4R
32
NC
D5
D5
11G
68
NC
NC
D27
1C
104
A
4P
33
NC
NC
D14
9F
69
NC
NC
Q27
1B
105
A
5P
34
NC
NC
Q14
10F
70
NC
Q10
Q19
3D
106
A
5N
35
Q3
Q6
Q6
11E
71
NC
D10
D19
3C
107
A
5R
36
D3
D6
D6
10E
72
NC
NC
D28
1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com