Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD46185092B Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 20Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 21Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 22Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 23Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 24Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 25Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 26Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 27Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 24 of 35
Nov 09, 2012
JTAG AC Characteristics (TA = 0 to 70
°C)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Clock
Clock cycle time
tTHTH
50
ns
Clock frequency
fTF
20
MHz
Clock HIGH time
tTHTL
20
ns
Clock LOW time
tTLTH
20
ns
Output time
TCK LOW to TDO unknown
tTLOX
0
ns
TCK LOW to TDO valid
tTLOV
10
ns
Setup time
TMS setup time
tMVTH
5
ns
TDI valid to TCK HIGH
tDVTH
5
ns
Capture setup time
tCS
5
ns
Hold time
TMS hold time
tTHMX
5
ns
TCK HIGH to TDI invalid
tTHDX
5
ns
Capture hold time
tCH
5
ns
JTAG Timing Diagram
tTHTH
tTLOV
tTLTH
tTHTL
tMVTH
tTHDX
tDVTH
tTHMX
TCK
TMS
TDI
TDO
tTLOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com