Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2350 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 2Page - STMicroelectronics AN2350 Datasheet HTML 3Page - STMicroelectronics AN2350 Datasheet HTML 4Page - STMicroelectronics AN2350 Datasheet HTML 5Page - STMicroelectronics AN2350 Datasheet HTML 6Page - STMicroelectronics AN2350 Datasheet HTML 7Page - STMicroelectronics AN2350 Datasheet HTML 8Page - STMicroelectronics AN2350 Datasheet HTML 9Page - STMicroelectronics AN2350 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
An overview on robotics
AN2350
6/41
Since the links of a robot arm may rotate and/or translate with respect to a reference
coordinate frame, the total spatial displacement of the end-effector is due to the angular
rotations and linear translations of the links.
Denavit and Hartenberg proposed a systematic and generalized approach of utilizing matrix
algebra to describe and represent the spatial geometry of the links of a robot arm with
respect to a fixed reference frame. This method uses a 4 x 4 homogeneous transformation
matrix to describe the relationship between two adjacent rigid mechanical links and reduces
the direct kinematics problem to finding an equivalent 4 x 4 homogeneous transformation
matrix that relates the spatial displacement of the hand coordinate frame to the reference
coordinate frame. These homogeneous transformation matrices are also useful in deriving
the dynamic equation of motion of a robot arm.
In general, the inverse kinematics problem can be solved by several techniques. Most
commonly used approaches are matrix algebraic, iterative, or geometric. A geometric
approach based on both the link coordinate systems and the manipulator configuration has
been used for the industrial wafer handler to which this application note refers.
1.1.2
Singularity
A significant issue in kinematic analysis surrounds so-called singular configurations.
Physically, these configurations correspond to situations where the robot joints have been
aligned in such a way that there is at least one direction of motion (the singular direction[s])
for the end effector that physically cannot be achieved by the mechanism. This occurs at
workspace boundaries, and when the axes of two (or more) joints line up and are
redundantly contributing to an end effector motion, at the cost of another end effector DOF
being lost.
1.2
The industrial wafer handler
This section describes the main characteristics of an industrial wafer handler, used as a
case study for a multiaxial planar manipulator family.
The structure of the manipulator consists of two arms with six joints (one prismatic joint and
five revolute joints) arranged in order to have the motion axes parallel to each other.
The illustration below shows the relation between the axis control and the robot
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com