Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2350 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 17Page - STMicroelectronics AN2350 Datasheet HTML 18Page - STMicroelectronics AN2350 Datasheet HTML 19Page - STMicroelectronics AN2350 Datasheet HTML 20Page - STMicroelectronics AN2350 Datasheet HTML 21Page - STMicroelectronics AN2350 Datasheet HTML 22Page - STMicroelectronics AN2350 Datasheet HTML 23Page - STMicroelectronics AN2350 Datasheet HTML 24Page - STMicroelectronics AN2350 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AN2350
Hardware and mechanical equipments
21/41
Figure 14.
The encoder ring of one DC motor
The sectors D, A and B represent the absolute encoder, while the sector C represents the
incremental encoder.
The opaque parts of each sector of the absolute encoder are placed according to a Gray
code, in order to offer absolute position of the link with a resolution of 45 degrees. In this way
it is possible to identify 8 angular positions accordingly to the scheme below, where the
sector D (white wire) represents the most significant bit of the encoder, while the sector A
(grey wire) represents the least significant bit.
Table 4.
The sectors of the absolute encoder
In order to capture every transition, in each bit of the absolute encoder has been developed
a logic circuit with NAND ports. A detail of the conditioning circuit for one of the absolute
encoders of the wafer handler is shown in Figure 15. In this way the output of this circuit can
be associated to an external interrupt of the microcontroller, while the output bits of the
absolute encoder can be associated to three GPIOs (General Purpose Input Output) in
order to read its value.
Angular position
Sector D
(white wire)
b2
Sector B
(Violet wire)
b1
Sector A
(Grey wire)
b0
Absolute
encoder values
b2b1b0
10
00
0
20
01
1
30
11
3
40
10
2
51
10
6
61
11
7
71
01
5
81
00
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com