Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2350 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 10Page - STMicroelectronics AN2350 Datasheet HTML 11Page - STMicroelectronics AN2350 Datasheet HTML 12Page - STMicroelectronics AN2350 Datasheet HTML 13Page - STMicroelectronics AN2350 Datasheet HTML 14Page - STMicroelectronics AN2350 Datasheet HTML 15Page - STMicroelectronics AN2350 Datasheet HTML 16Page - STMicroelectronics AN2350 Datasheet HTML 17Page - STMicroelectronics AN2350 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
The SDK-ST10F276 control board
AN2350
14/41
Figure 9.
One of the 26 pin connectors of the SDK-ST10F276 board
2.2
ST10F276 16-bit microcontroller - architectural overview
The ST10F276 is a high performance 64MHz 16-bit microcontroller with DSP functions.
ST10F276 architecture combines the advantages of both RISC and CISC processors with
an advanced peripheral subsystem. The following block diagram gives an overview of the
different on-chip components and of the advanced, high bandwidth internal bus structure of
the ST10F276. (see Figure 10).
P8.0
P8.2
P1L.1
P1L.3
P1L.5
P5.15
P5.1
P2.13
P4.0
P4.2
P7.0
P8.1
P1L.0
P1L.2
P1L.4
P3.7
P5.0
P5.2
P2.14
P2.1
HALL1
HALL3/GPIO1
L1/ENABLE
L2
L3/GPIO4
T2EUD
DINAMO/RES1
EC1
SHUT DOWN
ALARM
PWM0
HALL2/GPIO2
H1/BRAKE
H2/FW\REV
H3/GPIO3
T2IN
SENSE
RES2
EC2
Set Point ENC
+ 12V
C5
100nF
GND
GND
1
3
5
7
9
11
13
15
17
19
21
23
25
2
4
6
8
10
12
14
16
18
20
22
24
26
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com