Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2350 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 26Page - STMicroelectronics AN2350 Datasheet HTML 27Page - STMicroelectronics AN2350 Datasheet HTML 28Page - STMicroelectronics AN2350 Datasheet HTML 29Page - STMicroelectronics AN2350 Datasheet HTML 30Page - STMicroelectronics AN2350 Datasheet HTML 31Page - STMicroelectronics AN2350 Datasheet HTML 32Page - STMicroelectronics AN2350 Datasheet HTML 33Page - STMicroelectronics AN2350 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Control algorithm
AN2350
30/41
Figure 22.
Convergent loop procedure for a trapezoidal velocity profile
At the generic sampling time Ti , the covered distance, accordingly to the previous equation,
is equal to
; so the point
of the trajectory to reach in a straight-line motion
at time Ti in the workspace, can be obtained resolving the following system:
Knowing
it is possible to obtain the corresponding joint variables
α
1 and α2 with the
inverse kinematics equations. These joint variables must be opportunely converted in
incremental encoder pulses, because the position closed loop control is performed on the
feedback of the incremental encoders of the two joints.
During the trajectory planning it is very important that the manipulator avoids crossing the
kinematics singularities of the accessible workspace since they could make the continuation
of the trajectory impossible.
For this wafer handler, these singularities are distributed along the circle with radius 51 mm
and center in the origin of the base coordinates. The motion singularity appears only when
the manipulator, during the motion, crosses the point of the circle assuming a configuration
with the arms aligned, as shown in the following figure.
Acceleration a
Cruising Speed vc
Max Distance Smax
N
Y
t1 ≥ t3 / 2
t1 = vc / a
t3 = t1 + smax / vc
t1 = t3 / 2 - TR
vc = t1 . a
t3 = t1 + smax / vc
)
(
i
i
T
s
s
=
)
,
(
y
x
⎩
⎨
⎧
+
=
−
+
−
=
c
mx
y
y
y
x
x
s
i
2
1
2
1
2
)
(
)
(
)
,
(
y
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com