Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2350 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 25Page - STMicroelectronics AN2350 Datasheet HTML 26Page - STMicroelectronics AN2350 Datasheet HTML 27Page - STMicroelectronics AN2350 Datasheet HTML 28Page - STMicroelectronics AN2350 Datasheet HTML 29Page - STMicroelectronics AN2350 Datasheet HTML 30Page - STMicroelectronics AN2350 Datasheet HTML 31Page - STMicroelectronics AN2350 Datasheet HTML 32Page - STMicroelectronics AN2350 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Control algorithm
AN2350
29/41
Now follows the algorithm used for the motion planning in order to build a trajectory table
whose points (as joint variables after the reversal kinematics and expressed as incremental
encoder pulses) are given as inputs to the PID control interrupt service routine every TR ,
(fixed in 20 ms).
Let
the coordinates of the start point and
the coordinates of the stop
point, vc the cruising speed and a the acceleration. From the previous equations it is
possible to obtain the time t1 and the time t3 , where:
Consider
as the generic straight-line that intersect the two points
and
, where
is the angular coefficient and
is the intersection with the Y axis.
It is possible that the cruising speed it is not compatible with the imposed acceleration and
the distance to cover: this implies that the velocity profile is not trapezoidal. For this reason a
convergent loop procedure has been developed (shown in the following scheme) that
redefines the values of t1 , vc , and t3 .
)
,
(
1
1 y
x
)
,
(
2
2
y
x
2
1
2
2
1
2
max
)
(
)
(
y
y
x
x
s
−
+
−
=
c
mx
y
+
=
)
,
(
1
1 y
x
)
,
(
2
2
y
x
1
2
1
2
x
x
y
y
m
−
−
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
−
−
+
=
)
(
)
)(
(
2
1
1
2
1
2
1
2
2
1
x
x
x
x
y
y
y
y
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com