Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2399 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 2Page - STMicroelectronics AN2399 Datasheet HTML 3Page - STMicroelectronics AN2399 Datasheet HTML 4Page - STMicroelectronics AN2399 Datasheet HTML 5Page - STMicroelectronics AN2399 Datasheet HTML 6Page - STMicroelectronics AN2399 Datasheet HTML 7Page - STMicroelectronics AN2399 Datasheet HTML 8Page - STMicroelectronics AN2399 Datasheet HTML 9Page - STMicroelectronics AN2399 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ISO standards
AN2399
6/22
4
ISO standards
The ISO organization devotes itself to definition and promotion of worldwide-recognized
standards in the contactless area. 3 standards for objects operating in the 13.56 MHz
frequency range have already been approved (ISO SC17 on identification cards and related
devices):
●
ISO10536 identification cards and contactless integrated circuits cards:
–
Close-coupling cards (reading range below 2 cm).
●
ISO 14443 identification cards and contactless integrated circuits cards:
–
Proximity cards (reading range up to 20 cm).
●
ISO 15693 identification cards and contactless integrated circuits cards:
–
Vicinity cards (reading range up to 1 m).
This standard is part of the future SC31/ISO18000 standard, currently under
discussion.
ISO standards are recognized worldwide and guarantee the full interoperability of
transponders and readers from different suppliers.
4.1
ISO compatibility for ST devices
ST contactless memories are ISO-compatible:
●
ISO 14443 type B for short-range devices
●
ISO 15693 or ISO18000-3 Mode 1 for long-range devices.
This application note refers to ST ISO 14443B short range RFID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com