Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2399 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 13Page - STMicroelectronics AN2399 Datasheet HTML 14Page - STMicroelectronics AN2399 Datasheet HTML 15Page - STMicroelectronics AN2399 Datasheet HTML 16Page - STMicroelectronics AN2399 Datasheet HTML 17Page - STMicroelectronics AN2399 Datasheet HTML 18Page - STMicroelectronics AN2399 Datasheet HTML 19Page - STMicroelectronics AN2399 Datasheet HTML 20Page - STMicroelectronics AN2399 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN2399
RFID library
17/22
Every time the RFID_Handler is invoked it powers the antenna with the 13.56 MHz carrier;
before exiting, it cuts-off the RF carrier.
8.2
SR176 commands layer
In order to manage the RFID tag, the CRX14 uses a set of commands. They are both used
to activate and select each device and to access (read/write or get 64 bits UID) the tag
EEPROM.
Here are all the functions used for reported RFID tags:
●
RF_ON();
// power on carrier frequency
●
RF_OFF();
// power off carrier frequency
●
Initiate(&RX_frame[0]);
// search a tag in the field
●
Select (RFID_CHIPID,&RX_frame[0]);// activate a tag in the field
●
Completion ( &RX_framebuf[0]);
// deselect tag
●
Time_Read();
// program time for read
●
ReadBlock (address, &RX_frame[ 0 ]);// read a word
●
Time_Write();
// program time for write
●
WriteBlock (address, &TX_frame[ 0 ], &RX_frame[0]); // write a word
Each RF command has a dedicated 16-bit code (see SR176 and CRX14 datasheet). Tags
in the field recognize it and perform the required operation (activation, read, write,
deactivation, etc.).
RF Commands functions use CRX14 commands to access CRX14 registers. Basically each
RF command performs a write operation and a read operation to a CRX14 register.
8.3
CRX14 commands layer
This layer provides all functions needed to interface the STR710 microcontroller with the
CRX14 coupler device. CRX14 device uses 6 control registers to communicate both with the
microcontroller (via I2C) and the tag (via RF circuitry).
Figure 8.
CRX14 control register access scheme
Depending on which register the user would like to access in read or write mode, several
functions are implemented.
I2C
CONTROL REGISTER
RF CIRCUITRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com