Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2399 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 14Page - STMicroelectronics AN2399 Datasheet HTML 15Page - STMicroelectronics AN2399 Datasheet HTML 16Page - STMicroelectronics AN2399 Datasheet HTML 17Page - STMicroelectronics AN2399 Datasheet HTML 18Page - STMicroelectronics AN2399 Datasheet HTML 19Page - STMicroelectronics AN2399 Datasheet HTML 20Page - STMicroelectronics AN2399 Datasheet HTML 21Page - STMicroelectronics AN2399 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
RFID library
AN2399
18/22
Table 2.
Control registers
8.3.1
CRX14 parameter register access
Figure 9.
CRX14 parameter register: write operation
Figure 10.
CRX14 parameter register: read operation
Here are the functions used for parameter register access:
int Write_CRX14_PR(UCHAR *DATA)
int Read_CRX14_PR(UCHAR *DATA)
Address
Register
Length
Access
Purpose
00h
Parameter Register
1 Byte
W
Set parameter register
R
Read parameter register
01h
Input/Output Frame
Register
36 Bytes
W
Store and send request frame to the
PICC. Wait for PICC answer frame
R
Transfer PICC answered frame data to
host
02h
Authenticate Register
NA
W
Start the Authentication process
R
Get the Authentication process
03h
Slot Marker Register
1 Byte
W
Launch the automated anti-collision
process from Slot_0 to Slot_15
R
Return data FFh
04h
ST Reserved
NA
R and W
ST Reserved. Must not be used
05h
ST Reserved
NA
R and W
ST Reserved. Must not be used
S
T
A
R
T
1 0 1 0 X X X
00h
data
S
T
O
P
ACK
ACK
ACK
Register Byte
Value
Parameter Register
Address
Device Select
Code
Bus Master
CRX14 Write
Bus Slave
R/W
S
T
A
R
T
1010 X X X
00h
data
S
T
O
P
ACK
ACK
ACK
Register Byte
Value
Parameter Register
Address
Device Select
Code
Bus Master
CRX14 Read
Bus Slave
R
E
S
T
A
R
T
1 0 1 0 XXX
R/W
Device Select
Code
R/W
NoACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com