Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2399 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 7Page - STMicroelectronics AN2399 Datasheet HTML 8Page - STMicroelectronics AN2399 Datasheet HTML 9Page - STMicroelectronics AN2399 Datasheet HTML 10Page - STMicroelectronics AN2399 Datasheet HTML 11Page - STMicroelectronics AN2399 Datasheet HTML 12Page - STMicroelectronics AN2399 Datasheet HTML 13Page - STMicroelectronics AN2399 Datasheet HTML 14Page - STMicroelectronics AN2399 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN2399
Overview of RFID reader using STR710
11/22
Figure 3.
CRX14 demonstration kit layout
ST has designed the CRX14, a short range contactless coupler chip, compliant with the
ISO14443 type B proximity standard. The CRX14 generates a 13.56 MHz signal. Designed
to deliver an RF power of 100 mW, it operates in the Short Range on contactless memory
tags (provided that they, too, are compliant with ISO14443 type B).
The CRX14 features the ST anti-collision mechanism, which allows the reader to detect and
identify all the tags that are present in the operating range, and to access them individually.
Because the CRX14 implements the France Telecom-proprietary anti-clone function, the
reader can also perform authentication of tags that are equipped with the France Telecom
anti-clone capability.
The CRX14 coupler interfaces between:
●
the memory tags, on one side, through input/output buffers and the ISO14443 type B
radio frequency protocol, and
●
the system master processor, on the other side, through a 400 kHz I2C bus.
Operating from a 5 V power supply, and delivered in a SO16N package, the CRX14 coupler
chip is an excellent solution for building contactless readers, embedded in the final
equipment, and offering a good compromise between operating range and cost.
ai08489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com