Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2399 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 8Page - STMicroelectronics AN2399 Datasheet HTML 9Page - STMicroelectronics AN2399 Datasheet HTML 10Page - STMicroelectronics AN2399 Datasheet HTML 11Page - STMicroelectronics AN2399 Datasheet HTML 12Page - STMicroelectronics AN2399 Datasheet HTML 13Page - STMicroelectronics AN2399 Datasheet HTML 14Page - STMicroelectronics AN2399 Datasheet HTML 15Page - STMicroelectronics AN2399 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Overview of RFID reader using STR710
AN2399
12/22
7.2
Interfacing with STR7xx using I2C peripheral
Due to the fact that the STR7xx microcontroller has a 3.3 voltage supply and the CRX14
device work at 5 V, a level shifter has to be inserted on the I2C bus in order to adjust the
voltage levels.
Figure 4.
Interfacing the I2C bus from 3.3 V to 5 V
The I2C Bus Interface on STR71x provides both multimaster and slave functions, and
controls all I2C bus-specific sequencing, protocol, arbitration and timing. It also supports fast
I2C mode (400 kHz).
For the purpose of this application note, the I2C peripheral works as Master
transmitter/receiver. In Master mode, it initiates a data transfer and generates the clock
signal. A serial data transfer always begins with a start condition and ends with a stop
condition. Both start and stop conditions are generated in master mode by hardware as
soon as the Master mode is selected.
Data and addresses are transferred as 8-bit bytes, MSB first. The first byte(s) following the
start condition contain the address (one in 7-bit mode, two in 10-bit mode).
A 9th clock pulse follows the 8 clock cycles of a byte transfer, during which the receiver must
send an acknowledge bit to the transmitter. Refer to Figure 5.
Figure 5.
I2C bus protocol
SDA
SCL
MSB
ACK
12
8
9
START
CONDITION
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com