Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2399 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 14Page - STMicroelectronics AN2399 Datasheet HTML 15Page - STMicroelectronics AN2399 Datasheet HTML 16Page - STMicroelectronics AN2399 Datasheet HTML 17Page - STMicroelectronics AN2399 Datasheet HTML 18Page - STMicroelectronics AN2399 Datasheet HTML 19Page - STMicroelectronics AN2399 Datasheet HTML 20Page - STMicroelectronics AN2399 Datasheet HTML 21Page - STMicroelectronics AN2399 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN2399
RFID library
19/22
8.3.2
CRX14 I/O frame register access
The Input/Output Frame Register is a 36-byte buffer that is accessed serially from Byte 0
through to Byte 35 (see Figure 11). It is located at the I²C address 01h. The Input/Output
Frame Register is the buffer in which the CRX14 stores the data Bytes of the request frame
to be sent to the PICC. It automatically stores the data Bytes of the answer frame received
from the PICC. The first Byte (Byte 0) of the Input/Output Frame Register is used to store
the frame length for both transmission and reception.
Figure 11.
CRX14 I/O frame register description
When accessed in I²C Write mode , the register stores the request frame Bytes that are to
be transmitted to the PICC. Byte 0 must be set with the request frame length (in Bytes) and
the frame is stored from Byte 1 onwards. At the end of the transmission, the 16-bit CRC is
automatically added. After the transmission, CRX14 waits for the PICC to send back an
answer frame. When correctly decoded, the PICC answer frame bytes are stored in the
Input/Output Frame Register from Byte 1 onwards. Byte 0 stores the number of bytes
received from the PICC.
Figure 12.
CRX14 I/O frame register: write operation
When accessed in I²C Read mode, the Input/Output Register sends back the last PICC
answer frame Bytes, if any, with Byte 0 transmitted first. The 16-bit CRC is not stored, and it
is not sent back on the I²C bus. The Input/Output Frame Register is set to all 00h between
transmission and reception. If there is no answer from the PICC, Byte 0 is set to 00h. In the
case of a CRC error, Byte 0 is set to FFh, and the data Bytes are discarded and not
appended in the register.
Figure 13.
CRX14 I/O frame register: read operation
Byte 0
Byte 1
Byte 2
Byte 3
...
Byte 34
Byte 35
Frame Length
1st data Byte
2nd data Byte
Last data Byte
<------------- Request and Answer Frame Bytes exchanged on the RF ------------->
00h No Byte transmitted
FFh CRC Error
xxh Number of transmitted Bytes
S
T
A
R
T
10 1 0 XX X
01h
N
S
T
O
P
ACK
ACK
ACK
Request Frame
Length N
Input/Output
Register
Address
Device
Select
Code
Bus
Master
CRX14
Write
Bus
Slave
R/W
Data 1
Data 2
PICC
Command
Parameter
PICC
Command
Code
Data N
PICC
Command
Parameter
PICC
Command
Parameter
ACK
ACK
ACK
ACK
S
T
A
R
T
10 10 XXX
01h
N
S
T
O
P
ACK
ACK
ACK
Received
Frame
Length
Input/Output
Register
Address
Device
Select
Code
Bus
Master
CRX14
Read
Bus
Slave
R/W
Data1
Data 2
Answer
Frame
Data
Answer
Frame
Data
Data N
Answer
Frame
Data
Answer
Frame
Data
NoACK
ACK
ACK
ACK
R
E
S
T
A
R
T
10 1 0 XXX
Device
Select
Code
R/W
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com