Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2555 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 2Page - STMicroelectronics AN2555 Datasheet HTML 3Page - STMicroelectronics AN2555 Datasheet HTML 4Page - STMicroelectronics AN2555 Datasheet HTML 5Page - STMicroelectronics AN2555 Datasheet HTML 6Page - STMicroelectronics AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics AN2555 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AN2555 - Application note
Modified features
6/33
The three memory configurations possible for this 64 Kbytes of 'normal user data' are:
●
Default
The four DPP registers are assumed to contain their system startup value (0-3), providing one linear
data area of 64 Kbytes in the first segment (00’0000h - 00’FFFFh).
●
Addresses Linear
DPP3 contains page number 3, allowing access to ST10 registers and bit-addressable memory.
DPP0 - DPP2 provide a linear data area of 48 Kbytes anywhere in memory.
●
Paged
DPP3 contains page number 3, allowing access to ST10 registers and bit-addressable memory.
DPP0, DPP1 and DPP2 contain the page numbers of data areas of 16 Kbytes anywhere in memory.
The Default configuration can no longer be used. The other configurations offer the following possibilities:
●
with the Addresses Linear configuration the XRAM2 block is almost entirely covered with DPPs but
then accesses to constants must be made via EXTP instructions.
●
In the Paged configuration up to two DPPs can be assigned to XRAM2 and one DPP for constants.
1.3
Flash EEPROM
Table 3: Flash memory mapping shows the Flash memory address ranges of the 2 devices.
Table 2.
Flash memory key characteristics
ST10F269Zx
ST10F276Z5
Flash Size
256 Kbytes
832 KBytes
Flash Organization
7 blocks
4 banks, 17 blocks
Programming voltage
5 Volts
5 Volts
Programming method
Write/Erase Controller
Write/Erase Controller
Program/Erase cycles
100000 cycles
100000 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com