Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2555 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 20Page - STMicroelectronics AN2555 Datasheet HTML 21Page - STMicroelectronics AN2555 Datasheet HTML 22Page - STMicroelectronics AN2555 Datasheet HTML 23Page - STMicroelectronics AN2555 Datasheet HTML 24Page - STMicroelectronics AN2555 Datasheet HTML 25Page - STMicroelectronics AN2555 Datasheet HTML 26Page - STMicroelectronics AN2555 Datasheet HTML 27Page - STMicroelectronics AN2555 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AN2555 - Application note
Modified registers
24/33
ST10F276Z5: IDCHIP (F07Ch)
ESFR
Reset Value: 114Xh
3.2.1
Hardware Impacts
None.
3.2.2
Software Impacts
None.
15
14
13
12
11
10
987
65432
10
PCONF
CHIPID
REVID
RR
R
Bit field
Function
REVID
ST10 Module Revision Identifier (Full Mask Set revision)
‘01h’: Rev. A (First main revision)
‘02h’: Rev. B (Second main revision)
...
‘0Fh’: Rev. P
CHIPID
ST10 Module Identifier
’10D’: ST10F269Zx identifier (269d = 10Dh)
‘114h’: ST10F276Z5 identifier (276d = 114h)
PCONF
Peripheral Configuration
‘00’: (E) Enhanced (ST10F276Z5)
‘01’: (B) Basic
‘10’: (D) Dedicated
‘11’: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com