Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2555 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics AN2555 Datasheet HTML 10Page - STMicroelectronics AN2555 Datasheet HTML 11Page - STMicroelectronics AN2555 Datasheet HTML 12Page - STMicroelectronics AN2555 Datasheet HTML 13Page - STMicroelectronics AN2555 Datasheet HTML 14Page - STMicroelectronics AN2555 Datasheet HTML 15Page - STMicroelectronics AN2555 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AN2555 - Application note
Modified features
12/33
1.5
Real Time Clock
The RTC module can be clocked by two different sources: the main oscillator ( pins XTAL1 and XTAL2) or
the 32 kHz low power oscillator (pins XTAL3 and XTAL4). The selection of the clock source can be made
via an additional bit in the RTCCON register.
1.5.1
Hardware impacts
Check the usage of XTAL3 and XTAL4 (respectively pins 143 and 144).
1.5.2
Software impacts
The address range of the RTC registers has been modified from 00’EC00h - 00’ECFFh on the
ST10F269Zx to 00’ED00h - 00’EDFFh on the ST10F276Z5. This change had no impact if the software
uses the register names defined by the toolchains and if the target CPU selection is changed to
ST10F276Z5.
If the software was directly using the address of the RTC register, it must be modified according to new
mapping.
In the ST10F269Zx, both byte and word accesses were allowed for the RTC module. In the ST10F276Z5,
only word accesses are possible. Check that the code is not doing byte accesses to the RTC module.
In addition, new bits have been added into the RTCCON register (OSC, OFF32). There is no impact if the
code was not writing to the upper part of the RTCCON register, which was reserved.
The handling of the RTCAIR and RTCSIR flags (respectively, bit 2 and bit 0 of the RTCCON register) is
also changed:
●
In the ST10F276Z5, these flags are cleared by writing them to 1
●
In the ST10F269Zx, these flags are cleared by writing them to 0
As these flags must be cleared by software when entering the corresponding interrupt service routine, a
change in the application code is needed.
Example for the RTCSIR flag
Replace ST10F269Zx code:
RTCCON &= 0xFFFE;// Clear RTCSIR flag
by the following code for ST10F276Z5:
RTCCON |= 0x0001;// Write 1 into RTCSIR flag to clear it
ST10F269Zx: RTCCON (F1C4h / E2h)
ESFR
Reset Value: --00h
ST10F276Z5: RTCCON (F1C4h / E2h)
ESFR
Reset Value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
--
--
--
--
RTC
OFF
--
-
RTC
AEN
RTC
AIR
RTC
SEN
RTC
SIR
RW
RW
RW
RW
RW
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
------
OFF32 OSC RTCOFF
-
-
-
RTCAEN RTCAIR RTCSEN RTCSIR
RW
R
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com