Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2555 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 6Page - STMicroelectronics AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics AN2555 Datasheet HTML 10Page - STMicroelectronics AN2555 Datasheet HTML 11Page - STMicroelectronics AN2555 Datasheet HTML 12Page - STMicroelectronics AN2555 Datasheet HTML 13Page - STMicroelectronics AN2555 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AN2555 - Application note
Modified features
10/33
Note:
The VAREF pin is also used as a supply pin for the ADC module. As there is a higher current
sink on this pin on the ST10F276Z5 compared to the ST10F269Zx, it is recommended not
to connect a resistor (for example because of an RC filter), to prevent creating an offset in
the reference.
1.4.3
Software impacts
Self-calibration and ADC initialization routine
An automatic self-calibration adjusts the ADC module to process parameter variations at each reset
event. After reset, the busy flag (read-only) ADBSY is set because the self-calibration is ongoing. The
Table 6.
ADC differences
Parameter
Symbol
Limit values for
ST10F269Zx
Limit values for
ST10F276Z5
Unit
min.
max.
min.
max.
Analog Reference
voltage
VAREF
4.0
VDD + 0.1
4.5
VDD
V
Analog Input Voltage
VAIN
VAGND
VAREF
VAGND
VAREF
V
ADC Input capacitance
Port5, Not sampling
Port5, Sampling
Port1, Not Sampling
Port1, sampling
CAIN
-
-
-
-
10
15
N.A.
N.A.
-
-
-
-
CP1 + CP2 +CS
7
10.5
9
12.5
pF
Sample time
tS
48TCL
1536TCL
1µs
120TCL
1600TCL
Conversion time
tC
388TCL
2884TCL
388TCL
2884TCL
Total Unadjusted Error
Port5
Port1 - No overload
Port1 - Overload
TUE
-2.0
-
-
+2.0
-
-
-2.0
-5.0
-7.0
+2.0
+5.0
+7.0
LSB
Internal resistance of
analog source
RASRC
tS[ns]/150 - 0.25
k
Ω
Analog switch
resistance
RSW
Port5
Port1
N.A.
N.A.
-
-
600
1000
Ω
RAD
N.A.
N.A.
-
1300
Ω
Reference supply
current
running mode
power-down mode
IAREF
-
-
500
1
-
-
5000
1
µA
Differential Nonlinearity
DNL
-0.5
+0.5
1
1
LSB
Integral Nonlinearity
INL
-1.5
+1.5
-1.5
1.5
LSB
Offset Error
OFS
-1.0
+1.0
-1.5
1.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com