Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2555 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 23Page - STMicroelectronics AN2555 Datasheet HTML 24Page - STMicroelectronics AN2555 Datasheet HTML 25Page - STMicroelectronics AN2555 Datasheet HTML 26Page - STMicroelectronics AN2555 Datasheet HTML 27Page - STMicroelectronics AN2555 Datasheet HTML 28Page - STMicroelectronics AN2555 Datasheet HTML 29Page - STMicroelectronics AN2555 Datasheet HTML 30Page - STMicroelectronics AN2555 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AN2555 - Application note
New registers
27/33
4.3.2
Software impact
None. On the ST10F269Zx, the 00’E800h to 00’EBFFh address range was mapped onto external
memory but it was recommended to reserve this space for upward compatibility.
4.4
XMISC register
ST10F276Z5: XMISC (EB46h)
XREG
Reset Value: 0000h
4.4.1
Hardware impact
None.
4.4.2
Software impact
None.
On the ST10F269Zx, the CAN clock is the CPU clock but it is divided by 2 when calculating the time
quantum.
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
-
-
-
-
VREGOFF CANCK2 CANPAR ADCMUX
--
--
--
---
--
-
RW
RW
RW
RW
Bit
number
Bit name
Function
0
ADCMUX
Port1L ADC Channels Enable
‘0’: Analog inputs on port P5.y can be converted (default configuration)
‘1’: Analog inputs on port P1.z can be converted. Only 8 channels can be
managed
1CANPAR
CAN Parallel Mode Selection
‘0’: CAN2 is mapped on P4.4/P4.7, while CAN1 is mapped on P4.5/P4.6
‘1’: CAN1 and CAN2 are mapped in parallel on P4.5/P4.6. This is effective
only if both CAN1 and CAN2 are enabled by setting the CAN1EN and
CAN2EN bits in the XPERCON register. If CAN1 is disabled, CAN2 remains
on P4.4/P4.7 even if the CANPAR bit is set.
2
CANCK2
CAN Clock divider by 2 disable
‘0’: Clock provided to CAN modules is CPU clock divided by 2 (mandatory
when fCPU is higher than 40 MHz)
‘1’: Clock provided to CAN modules is directly CPU clock
3VREGOFF
Main Voltage Regulator disable in Power-Down mode
‘0’: Default value after reset and when Power Down is not used
‘1’: Main Regulator is turned off when Power-Down mode is entered
4...15
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com