Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 69 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 65Page - STMicroelectronics AN2606 Datasheet HTML 66Page - STMicroelectronics AN2606 Datasheet HTML 67Page - STMicroelectronics AN2606 Datasheet HTML 68Page - STMicroelectronics AN2606 Datasheet HTML 69Page - STMicroelectronics AN2606 Datasheet HTML 70Page - STMicroelectronics AN2606 Datasheet HTML 71Page - STMicroelectronics AN2606 Datasheet HTML 72Page - STMicroelectronics AN2606 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 155 page
background image
DocID13801 Rev 21
69/155
AN2606
STM32F378xx devices bootloader
154
16
STM32F378xx devices bootloader
16.1
Bootloader configuration
The STM32F378xx bootloader is activated by applying pattern2 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
Table 34. STM32F378xx configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 8 MHz using
the HSI.
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value and is periodically refreshed to
prevent watchdog reset (in case the
hardware IWDG option was previously
enabled by the user). Window feature is
disabled.
System memory
-
8 Kbytes starting from address
0x1FFFD800. This area contains the
bootloader firmware
RAM
-
4 Kbytes starting from address 0x20000000
are used by the bootloader firmware.
USART1
bootloader
USART1
Enabled
Once initialized, the USART1 configuration
is: 8 bits, even parity and 1 Stop bit
USART1_RX pin
Input
PA10 pin: USART1 in reception mode.
USART1_TX pin
Output
PA9 pin: USART1 in transmission mode.
USART2
bootloader
USART2
Enabled
Once initialized, the USART2 configuration
is: 8 bits, even parity and 1 Stop bit. The
USART2 uses its remapped pins.
USART2_RX pin
Input
PD6 pin: USART2 in reception mode.
USART2_TX pin
Output
PD5 pin: USART2 in transmission mode.
USART1 and
USART2
bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host for USARTx bootloader.
I2C1
bootloader
I2C1
Enabled
The I2C1 configuration is:
I2C speed: up to 400 KHz, 7-bit address,
slave mode, analog filter ON. Slave 7-bit
address: 0b0110111x (where x = 0 for write
and x = 1 for read).
I2C1_SCL pin
Input/ Output
PB6 pin: clock line is used in open-drain
mode.
I2C1_SDA pin
Input/ Output
PB7 pin: data line is used in open-drain
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com