Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 73 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 69Page - STMicroelectronics AN2606 Datasheet HTML 70Page - STMicroelectronics AN2606 Datasheet HTML 71Page - STMicroelectronics AN2606 Datasheet HTML 72Page - STMicroelectronics AN2606 Datasheet HTML 73Page - STMicroelectronics AN2606 Datasheet HTML 74Page - STMicroelectronics AN2606 Datasheet HTML 75Page - STMicroelectronics AN2606 Datasheet HTML 76Page - STMicroelectronics AN2606 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 155 page
background image
DocID13801 Rev 21
73/155
AN2606
STM32F42xxx/43xxx devices bootloader
154
18
STM32F42xxx/43xxx devices bootloader
18.1
Bootloader V7.x
18.1.1
Bootloader configuration
The STM32F42xxx/43xxx bootloader is activated by applying pattern5 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
Table 38. STM32F42xxx/43xxx configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 24 MHz
using the PLL.
The HSI clock source is used at startup
(interface detection phase) and when
USART or I2C interfaces are selected
(once CAN or DFU bootloader is selected,
the clock source will be derived from the
external crystal).
HSE enabled
The system clock frequency is 60 MHz.
The HSE clock source is used only when
the CAN or the DFU (USB FS Device)
interfaces are selected.
The external clock must provide a
frequency multiple of 1 MHz and ranging
from 4 MHz to 26 MHz.
-
The Clock Security System (CSS) interrupt
is enabled for the CAN and DFU
bootloaders. Any failure (or removal) of the
external clock generates system reset.
RAM
-
8 Kbytes starting from address 0x20000000
are used by the bootloader firmware
System memory
-
30424 bytes starting from address
0x1FFF0000, contain the bootloader
firmware
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value. It is periodically refreshed to prevent
watchdog reset (in case the hardware
IWDG option was previously enabled by the
user).
Power
-
Voltage range is set to [1.62 V, 2.1 V]. In
this range internal Flash write operations
are allowed only in byte format (Half-Word,
Word and Double-Word operations are not
allowed). The voltage range can be
configured in run time using bootloader
commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com