Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2606 Datasheet HTML 1Page - STMicroelectronics AN2606 Datasheet HTML 2Page - STMicroelectronics AN2606 Datasheet HTML 3Page - STMicroelectronics AN2606 Datasheet HTML 4Page - STMicroelectronics AN2606 Datasheet HTML 5Page - STMicroelectronics AN2606 Datasheet HTML 6Page - STMicroelectronics AN2606 Datasheet HTML 7Page - STMicroelectronics AN2606 Datasheet HTML 8Page - STMicroelectronics AN2606 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
March 2015
DocID13801 Rev 21
1/155
1
AN2606
Application note
STM32 microcontroller system memory boot mode
Introduction
The bootloader is stored in the internal boot ROM memory (system memory) of STM32
devices. It is programmed by ST during production. Its main task is to download the
application program to the internal Flash memory through one of the available serial
peripherals (USART, CAN, USB, I2C, SPI, etc.). A communication protocol is defined for
each serial interface, with a compatible command set and sequences.
This document applies to the products listed in Table 1. They are referred as STM32
throughout the document.
The main features of the bootloader are the following:
•
It uses an embedded serial interface to download the code with a predefined
communication protocol
•
It transfers and updates the Flash memory code, the data, and the vector table sections
This application note presents the general concept of the bootloader. It describes the
supported peripherals and hardware requirements to be considered when using the
bootloader of STM32 devices. However the specifications of the low-level communication
protocol for each supported serial peripheral are documented in separate documents. For
specifications of the USART protocol used in the bootloader, refer to AN3155. For the
specification of the CAN protocol used in the bootloader, refer to AN3154. For the
specification of the DFU (USB device) protocol used in the bootloader, refer to AN3156. For
the specification of the I2C protocol used in the bootloader, refer to AN4221. For the
specification of the SPI protocol used in the bootloader, refer to AN4286.
Table 1. Applicable products
Type
Part number or product series
Microcontrollers
STM32L0 series: STM32L051xx, STM32L052xx, STM32L053xx, STM32L062xx,
STM32L063xx
STM32L1 series.
STM32L4 series: STM32L476xx, STM32L486xx
STM32F0 series: STM32F03xxx, STM32F04xxx, STM32F05xxx, STM32F07xxx
STM32F1 series.
STM32F2 series.
STM32F3 series: STM32F301xx, STM32F302xx, STM32F303xx, STM32F318xx,
STM32F328xx, STM32F334xx, STM32F358xx, STM32F373xx,
STM32F378xx
STM32F4 series: STM32F401xx, STM32F405xx, STM32F407xx, STM32F411xx,
STM32F415xx, STM32F417xx, STM32F427xx, STM32F429xx,
STM32F437xx, STM32F439xx, STM32F446xx
www.st.com


Similar Part No. - AN2606

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26065A PANASONICBATTERY-AN26065A Datasheet
507Kb / 31P
UMTS Triple Band LNA-IC (Band I, II, IV, IX / V, XIII)
More results

Similar Description - AN2606

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
Boot Sector Flash Memory
A290011A AMICC-A290011A Datasheet
388Kb / 33P
Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
Boot Sector Flash Memory
logo
STMicroelectronics
AN4989 STMICROELECTRONICS-AN4989 Datasheet
5Mb / 99P
STM32 microcontroller debug toolbox
29-Jun-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com