Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 29Page - STMicroelectronics AN2606 Datasheet HTML 30Page - STMicroelectronics AN2606 Datasheet HTML 31Page - STMicroelectronics AN2606 Datasheet HTML 32Page - STMicroelectronics AN2606 Datasheet HTML 33Page - STMicroelectronics AN2606 Datasheet HTML 34Page - STMicroelectronics AN2606 Datasheet HTML 35Page - STMicroelectronics AN2606 Datasheet HTML 36Page - STMicroelectronics AN2606 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 155 page
background image
DocID13801 Rev 21
33/155
AN2606
STM32L1xxx6(8/B) devices bootloader
154
7
STM32L1xxx6(8/B)
devices bootloader
7.1
Bootloader configuration
The STM32L1xxx6(8/B) bootloader is activated by applying pattern1 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
The system clock is derived from the embedded internal high-speed RC, no external quartz
is required for the bootloader execution.
Table 12. STM32L1xxx6(8/B) configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 16 MHz.
RAM
-
2 Kbytes starting from address 0x20000000
are used by the bootloader firmware.
System memory
-
4 Kbytes starting from address
0x1FF00000 contain the bootloader
firmware.
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value and is periodically refreshed to
prevent watchdog reset (in case the
hardware IWDG option was previously
enabled by the user).
Power
-
Voltage range is set to Voltage Range 1.
USART1
bootloader
USART1
Enabled
Once initialized, the USART1 configuration
is: 8 bits, even parity and 1 Stop bit.
USART1_RX pin
Input
PA10 pin: USART1 in reception mode
USART1_TX pin
Output
PA9 pin: USART1 in transmission mode
USART2
bootloader
USART2
Enabled
Once initialized, the USART2 configuration
is: 8 bits, even parity and 1 Stop bit.
USART2_RX pin
Input
PD6 pin: USART2 in reception mode
USART2_TX pin
Output
PD5 pin: USART2 in transmission mode
USART1 and
USART2
bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com