Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 44Page - STMicroelectronics AN2606 Datasheet HTML 45Page - STMicroelectronics AN2606 Datasheet HTML 46Page - STMicroelectronics AN2606 Datasheet HTML 47Page - STMicroelectronics AN2606 Datasheet HTML 48Page - STMicroelectronics AN2606 Datasheet HTML 49Page - STMicroelectronics AN2606 Datasheet HTML 50Page - STMicroelectronics AN2606 Datasheet HTML 51Page - STMicroelectronics AN2606 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 155 page
background image
STM32F2xxxx devices bootloader
AN2606
48/155
DocID13801 Rev 21
10.2.3
Bootloader version
The following table lists the STM32F2xxxx devices V3.x bootloader versions:
Table 21. STM32F2xxxx bootloader V3.x versions
Bootloader
version
number
Description
Known limitations
V3.2
Initial V3.x bootloader version.
– When a Read Memory command or Write
Memory command is issued with an unsupported
memory address and a correct address
checksum (ie. address 0x6000 0000), the
command is aborted by the bootloader device,
but the NACK (0x1F) is not sent to the host. As a
result, the next 2 bytes (which are the number of
bytes to be read/written and its checksum) are
considered as a new command and its
checksum(1).
– Option bytes, OTP and Device Feature
descriptors (in DFU interface) are set to “g”
instead of “e” (not erasable memory areas).
1. If the “number of data - 1” (N-1) to be read/written is not equal to a valid command code (0x00, 0x01, 0x02,
0x11, 0x21, 0x31, 0x43, 0x44, 0x63, 0x73, 0x82 or 0x92), then the limitation is not perceived from the host
since the command is NACKed anyway (as an unsupported new command).
V3.3
Fix V3.2 limitations. DFU
interface robustness
enhancement.
– For the USART interface, two consecutive
NACKs (instead of 1 NACK) are sent when a
Read Memory or Write Memory command is sent
and the RDP level is active.
– For the CAN interface, the Write Unprotect
command is not functional. Instead you can use
Write Memory command and write directly to the
option bytes in order to disable the write
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com