Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 124 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 120Page - STMicroelectronics AN2606 Datasheet HTML 121Page - STMicroelectronics AN2606 Datasheet HTML 122Page - STMicroelectronics AN2606 Datasheet HTML 123Page - STMicroelectronics AN2606 Datasheet HTML 124Page - STMicroelectronics AN2606 Datasheet HTML 125Page - STMicroelectronics AN2606 Datasheet HTML 126Page - STMicroelectronics AN2606 Datasheet HTML 127Page - STMicroelectronics AN2606 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 155 page
background image
STM32L05xxx/06xxx devices bootloader
AN2606
124/155
DocID13801 Rev 21
29
STM32L05xxx/06xxx devices bootloader
29.1
Bootloader configuration
The STM32L05xxx/06xxx bootloader is activated by applying pattern1 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
Table 62. STM32L05xxx/06xxx configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 32 MHz with
HSI 16 MHz as clock source.
Power
-
Voltage range is set to Voltage Range 1.
RAM
-
4 Kbytes starting from address 0x20000000
are used by the bootloader firmware
System memory
-
4 Kbytes starting from address
0x1FF00000, contain the bootloader
firmware
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value. It is periodically refreshed to prevent
watchdog reset (in case the hardware
IWDG option was previously enabled by the
user).
USART1
bootloader
USART1
Enabled
Once initialized the USART1 configuration
is: 8-bits, even parity and 1 Stop bit
USART1_RX pin
Input
PA10 pin: USART1 in reception mode
USART1_TX pin
Output
PA9 pin: USART1 in transmission mode
USART2
bootloader
USART2
Enabled
Once initialized the USART2 configuration
is: 8-bits, even parity and 1 Stop bit
USART2_RX pin
Input
PA3 pin: USART2 in reception mode
USART2_TX pin
Output
PA2 pin: USART2 in transmission mode
USART1 and
USART2
bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host for USARTx bootloaders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com