Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 30 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 30 Page - NEC

Back Button UPD703003A Datasheet HTML 26Page - NEC UPD703003A Datasheet HTML 27Page - NEC UPD703003A Datasheet HTML 28Page - NEC UPD703003A Datasheet HTML 29Page - NEC UPD703003A Datasheet HTML 30Page - NEC UPD703003A Datasheet HTML 31Page - NEC UPD703003A Datasheet HTML 32Page - NEC UPD703003A Datasheet HTML 33Page - NEC UPD703003A Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
µPD703003A, 703004A, 703025A
30
Data Sheet U13188EJ4V0DS00
(8) Interrupt timing
Parameter
Symbol
Conditions
25 MHz Version
33 MHz Version
Unit
MIN.
MAX.
MIN.
MAX.
NMI high-level width
<63> tWNIH
500
500
ns
NMI low-level width
<64> tWNIL
500
500
ns
INTPn high-level width
<65> tWITH
n = 110 to 113, 120 to 123,
3T + 10
3T + 10
ns
130 to 133, 140 to 143
INTPn low-level width
<66> tWITL
n = 110 to 113, 120 to 123,
3T + 10
3T + 10
ns
130 to 133, 140 to 143
Remark
T = tCYK
Remark
n = 110 to 113, 120 to 123, 130 to 133, 140 to 143
NMI (input)
<63>
<64>
INTPn (input)
<65>
<66>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com